Part Number Hot Search : 
20010 A102M TXN625 ON0546 1233M HRW0202B 68050 TS901
Product Description
Full Text Search
 

To Download PCB-MDRIVER-QCW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.roithner - laser.com 1 pcb - mdriver - qcw re v 1.0 06 . 06 .201 6 description pcb - m driver - qcw driver is designed as power supply of mid - ir leds. it provides qcw mode operation with fixed signal data parameters . a dditional that unit provides a synchronization output for synchronization with an external device. features ? qcw mode operation ( for maximum average optical power ) ? fixed signal data parameters, as amplitude, repetition rate and pulse duration for easy handling. ? synchronization out put , for possible synchronization with an external device ( pcb - sdetect - 3p synchronous detector , for example) main characteristics adjustable parameters parameter symbol values min. typ. max. unit input voltage (stabilized) v supply 5 6 v voltage tolerance - 5 +5 % power consumption p 4 w input current i supply a board dimensions 24 x 12 x 8 mm parameter symbol pulse mode unit pulse duration t p 500 s frequency f 1 khz output current amplitude i out 150 m a
www.roithner - laser.com 2 driver layout front gnd (black) + 5 .. 6 vdc (yellow) back 1. led connection contacts 2. power input contact (+5 vdc) * 3. synchronization output contact * * power input and synchronization output contacts have common gnd wire (black). driver block diagram 3 1 + - 2 1 - +
www.roithner - laser.com 3 operating mode description pcb - m driver - qcw driver works in a qcw mode. this mode provides led maximum average optical power . led current , pulse duration and frequency are fixed to 150 ma, 500 s and 1 khz . qcw mode current - time relation operating instruction 1. securely solder the appropriate pins of the led with led connection contacts (1). note! contact marked with led + must be connected to the appropriate pin of an led (marked with a red dot). improper connection may cause led damage. note! led case must be electrically isolated from the ground. 2. if you use pcb - sdetect - 3p synchronous detector, connect the pcb - mdriver - qcw s synchronization output contacts (2) with synchronization input terminal block. 3. if necessary, make all the connections of other boards (synchronous detector, thermocontroller etc.) following the appropriate instructions manuals. before turning them on check the required connections and modes: synchronous detector : thermocontroller : ? photodiode input connection ? preamplifier power output connection ? averaging time and signal gain selection ? external signal observing device connection ? thermistor / pcb - driver - 51 temperature observation block input connection ? thermocooler output connection ? external connections (if necessary) 4. connect 5v stabilised power supply to the power input (3). synchronisation output contacts synchronisation input terminal block pcb - mdrive - qcw pcb - sdetect - 3p
www.roithner - laser.com 4 precautions ? only t urn on the power supply of the led driver after all connections are made and tested. ? mount or dismount the led driver in power - off state only, otherwise it can lead to breakdown. ? ingress protection rating of the led driver is ip00, so please assure the protection of the driver. ? do not use multimeter to control and adjust current. operation : indoor operation only . ingress protection rating ip00. ? all rights reserved the above specifications are for reference purpose only and subjected to change without prior notice


▲Up To Search▲   

 
Price & Availability of PCB-MDRIVER-QCW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X